PART |
Description |
Maker |
S2065K S6065K S8055R S2025N S8025L S8025N S8025R S |
SCRs Teccor® SCR ;; Package= D2PAK SM D2-PAK Sensitive SCRs Temperature Range (degrees C): -30 to 85; General Description: In-line adapter; Both ends male contacts; Pin contact CONN POWERJACK MINI.1 RA HYBRID SCRs 可控
|
TECCOR[Teccor Electronics] N.A. Littelfuse, Inc.
|
2N1871A 2N1871 JAN2N1871A JAN2N1870A JAN2N1872A JA |
SCRs 1.25 Amp, Planear 1.9625 A, 60 V, SCR, TO-9 SCRs 1.25 Amp / Planear SCRs 1.25 Amp Planear SCRs 1.25 Amp/ Planear
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
AD110 AD111 AD114 AD115 AD116 AD117 AD118 AD108 AD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:11-5 SCRs 1.5 Amp/ Planar SCRs 1.5 Amp, Planar SCRs 1.5 Amp Planar
|
MICROSEMI[Microsemi Corporation]
|
2N6608 C106B1 C106D1 C106M1 C106A1 C106C1 C106E1 C |
Leaded Thyristor SCR SCRs 4 A, 800 V, SCR, TO-39
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
TN815-400B TN815-600B TN815-700B TN815-800B TN815- |
SCR?? From old datasheet system SCR’s SCRs
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
GB301A GA300 GA300A GA301 GA301A GB300 GB300A GB30 |
SCRs Commercial Nanosecond Switching Planar SCRs Commercial Nanosecond Switching Planar 9.42 A, 60 V, SCR, TO-59 SCRs Commercial Nanosecond Switching Planar 9.42 A, 100 V, SCR, TO-59
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
FS1209DH FS1209BH FS1209MH FS1210BH |
Standard Gate SCRs 600 V, standard SCR 200 V, standard SCR 400 V, standard SCR
|
Fagor
|
SXX16NRP SXX16NTP SXX16R SXX16RTP S8015L56 SK015LT |
Excellent unidirectional switches for phase control applications 15 and 16 Amp Standard SCRs 15 A, 1000 V, SCR, TO-220AB
|
http:// Littelfuse
|
FS0808BI FS0808MI |
600 V, standard SCR Standard Gate SCRs 标准门可控硅
|
Fagor CADEKA Microcircuits, LLC
|
BT151G-5-TA3-T BT151G-5-TN3-R BT151G-6-TA3-T BT151 |
SCRS
|
Unisonic Technologies
|
40C100 |
SCRs
|
New Jersey Semi-Conductor Products, Inc.
|
TN8 |
8A SCRs
|
意法半导
|